Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4164 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN4164 Datasheet HTML 28Page - STMicroelectronics AN4164 Datasheet HTML 29Page - STMicroelectronics AN4164 Datasheet HTML 30Page - STMicroelectronics AN4164 Datasheet HTML 31Page - STMicroelectronics AN4164 Datasheet HTML 32Page - STMicroelectronics AN4164 Datasheet HTML 33Page - STMicroelectronics AN4164 Datasheet HTML 34Page - STMicroelectronics AN4164 Datasheet HTML 35Page - STMicroelectronics AN4164 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Conclusions
AN4164
32/38
Doc ID 023660 Rev 1
11
Conclusions
The VIPER06 allows a non-isolated converter to be designed in a simple way and with few
external components. In this document a flyback has been described and characterized.
Special attention has been given to light load performance. The efficiency performance has
been compared to the requirements of the Code of Conduct (version 4) for an external AC-
DC adapter with very good results, the measured active mode efficiency is always higher
with respect to the minimum required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38