Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4158 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 9Page - STMicroelectronics AN4158 Datasheet HTML 10Page - STMicroelectronics AN4158 Datasheet HTML 11Page - STMicroelectronics AN4158 Datasheet HTML 12Page - STMicroelectronics AN4158 Datasheet HTML 13Page - STMicroelectronics AN4158 Datasheet HTML 14Page - STMicroelectronics AN4158 Datasheet HTML 15Page - STMicroelectronics AN4158 Datasheet HTML 16Page - STMicroelectronics AN4158 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DocID023635 Rev 2
13/34
AN4158
Phase current control in stepper motor driving
34
The back electromotive force (BEMF) is the voltage generated by the rotating magnetic field
of the rotor as an effect of Faraday’s law of induction. Its effect can be modeled as
a sinewave voltage generator with frequency equal to a quarter of the motor full step rate
and amplitude proportional to the rotation speed (see Equation 3).
Equation 3
The BEMF effect on the current control system is to counter the voltage applied by the
power stage limiting the phase current (especially at high speed). In general, as explained in
the following paragraphs, the BEMF voltage may make it more difficult to regulate the
desired current.
The algorithm implemented by the controller determinates the performance of the
application, in particular when microstepping driving is used.
Figure 7. Motor phase electrical model
R
Ph
V
BEMF
L
Ph
Motor phase equivalent circuit
AM15109v1
A VBEMF Ke fBEMF
=
B
fBEMF
fstep
4
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34