Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4144 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4144
Description  Voltage mode control operation and parameter optimization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4144 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4144 Datasheet HTML 17Page - STMicroelectronics AN4144 Datasheet HTML 18Page - STMicroelectronics AN4144 Datasheet HTML 19Page - STMicroelectronics AN4144 Datasheet HTML 20Page - STMicroelectronics AN4144 Datasheet HTML 21Page - STMicroelectronics AN4144 Datasheet HTML 22Page - STMicroelectronics AN4144 Datasheet HTML 23Page - STMicroelectronics AN4144 Datasheet HTML 24Page - STMicroelectronics AN4144 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DocID023491 Rev 3
21/28
AN4144
Tuning of the BEMF compensation parameters
28
2.3.5
Step 5: final check
When all the values have been tuned and the optimal compensation is obtained, a final
check should be done. Performing a speed sweep the measured current amplitude must be
almost constant. According to the oscilloscope characteristics, some artifacts (Figure 14)
may be displayed when long time acquisitions are performed.
Figure 14. Final check acquisition showing artifacts
In order to avoid mistaking artifacts for real compensation errors, the following suggestions
should be considered:
If present, use the ZOOM function of the oscilloscope to magnify the critical areas
(Figure 15)
Split the acceleration into more parts.
Figure 15. Magnified acquisition verifies the presence of artifacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28