Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4116 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 19Page - STMicroelectronics AN4116 Datasheet HTML 20Page - STMicroelectronics AN4116 Datasheet HTML 21Page - STMicroelectronics AN4116 Datasheet HTML 22Page - STMicroelectronics AN4116 Datasheet HTML 23Page - STMicroelectronics AN4116 Datasheet HTML 24Page - STMicroelectronics AN4116 Datasheet HTML 25Page - STMicroelectronics AN4116 Datasheet HTML 26Page - STMicroelectronics AN4116 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
AN4116
Functional check
Doc ID 023220 Rev 1
23/38
The protection acts in auto-restart mode with tRESTART = 1sec (Figure 35). As the fault is
removed, normal operation is restored after the last tRESTART interval has been completed
(
Figure 37).
Figure 34.
Feedback loop failure protection:
tripping
Figure 35.
Feedback loop failure protection:
steady-state
AM13203v1
Output short is
removed here
tRESTART
Normal
operation
Fault is applied here
Normal
operation
VDD reaches VDDCLAMP
< tOVL
AM13204v1
tRESTART
Figure 36.
Feedback loop failure protection:
steady-state, zoom
Figure 37.
Feedback loop failure protection:
converter restart
AM13205v1
< tOVL
AM13206v1
tRESTART
Fault is removed here
Normal
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38