Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4085 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4085
Description  STMicroelectronics has developed micro battery products
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4085 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4085 Datasheet HTML 8Page - STMicroelectronics AN4085 Datasheet HTML 9Page - STMicroelectronics AN4085 Datasheet HTML 10Page - STMicroelectronics AN4085 Datasheet HTML 11Page - STMicroelectronics AN4085 Datasheet HTML 12Page - STMicroelectronics AN4085 Datasheet HTML 13Page - STMicroelectronics AN4085 Datasheet HTML 14Page - STMicroelectronics AN4085 Datasheet HTML 15Page - STMicroelectronics AN4085 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID023052 Rev 2
13/16
AN4085
Available power management IC’s and tools
16
Figure 12. EFL700A39 power management board (EFL700PMB)
Figure 13. EFL700A39 evaluation kit (EFL700EVALKIT)
The Figure 12 shows the EFL700PMB board. Its features are:
•
Management of the charge and the voltage regulation of the EFL700A39
•
Battery protection against deep discharge
•
Recharge possibility through an external energy harvesting
•
Includes a super capacitor to sustain high pulsed discharge current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16