Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4075 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN4075
Description  STEVAL-IFP016V2 IO-Link communication master transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4075 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN4075 Datasheet HTML 10Page - STMicroelectronics AN4075 Datasheet HTML 11Page - STMicroelectronics AN4075 Datasheet HTML 12Page - STMicroelectronics AN4075 Datasheet HTML 13Page - STMicroelectronics AN4075 Datasheet HTML 14Page - STMicroelectronics AN4075 Datasheet HTML 15Page - STMicroelectronics AN4075 Datasheet HTML 16Page - STMicroelectronics AN4075 Datasheet HTML 17Page - STMicroelectronics AN4075 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Using STEVAL-IFP016V2
AN4075
14/23
Doc ID 022954 Rev 1
Figure 8.
STEVAL-IFP016V2 supply protection
3.3
Independent VH pin supply vs. direct connection to VCC
VH voltage must be always lower than (or equal to) VCC, even during power-up and power-
down of the application. Care must be taken when supplying VH from another source (VCC
and VH not connected together). In some cases a diode D_VH placed between VCC and VH
may help to avoid this violation.
Figure 9.
STEVAL-IFP016V2 VH supply protection vs. VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23