Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4069 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN4069
Description  This demonstration board is based on the STEF05 and STEF12 electronic fuses
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4069 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN4069 Datasheet HTML 8Page - STMicroelectronics AN4069 Datasheet HTML 9Page - STMicroelectronics AN4069 Datasheet HTML 10Page - STMicroelectronics AN4069 Datasheet HTML 11Page - STMicroelectronics AN4069 Datasheet HTML 12Page - STMicroelectronics AN4069 Datasheet HTML 13Page - STMicroelectronics AN4069 Datasheet HTML 14Page - STMicroelectronics AN4069 Datasheet HTML 15Page - STMicroelectronics AN4069 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Device order codes
AN4069
14/16
Doc ID 022926 Rev 1
9
Device order codes
Table 2.
Device order codes
Order codes
Package
Packaging
STEF05PUR
DFN10 (3 x 3 mm) tape and reel
DFN10 (3 x 3 mm) tape and reel
STEF12PUR
DFN10 (3 x 3 mm) tape and reel
DFN10 (3 x 3 mm) tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16