Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4007 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 23Page - STMicroelectronics AN4007 Datasheet HTML 24Page - STMicroelectronics AN4007 Datasheet HTML 25Page - STMicroelectronics AN4007 Datasheet HTML 26Page - STMicroelectronics AN4007 Datasheet HTML 27Page - STMicroelectronics AN4007 Datasheet HTML 28Page - STMicroelectronics AN4007 Datasheet HTML 29Page - STMicroelectronics AN4007 Datasheet HTML 30Page - STMicroelectronics AN4007 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AN4007
Conducted noise measurements
Doc ID 022455 Rev 2
27/33
3
Conducted noise measurements
A pre-compliance test for the EN55022 (Class B) European normative was also performed
on both average and peak measurements of the conducted noise emissions at full load and
nominal mains voltages.
Figure 30 to 33 show the results. As seen in the diagrams, in all
test conditions there is a good margin for the measurements with respect to the limits, also
using the peak detector.
Figure 30.
CE average measurement at 115 VAC and full load: average measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33