| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3980 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3980 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 19 page ![]() AN3980 Library file structure Doc ID 022200 Rev 1 4/18 2 Library file structure Firmware implementation is split between the following files: ● dspin.c – Microcontroller peripherals initialization – dSPIN application commands implementation – Library support functions implementation ● dspin.h – Function prototypes for implemented commands and support functions – Register value (options) definition – Register mask definition – Macros for selected function parameter conversions – Demonstration board related definitions - GPIO signals and peripherals assignment ● main.c – Example of library usage - system configuration / function calls ● Other microcontroller configuration files, such as – clock.c, -.h, stm32f10x_conf.h (peripherals configuration), stm32f10x_it.c, -.h (interrupt routines) and standard library for GPIO and SPI Firmware is available for download in compressed zip format. By decompressing the archive the following folder structure is created on a drive: Figure 1. Firmware library folder structure The “Libraries” folder contains microcontroller related files like peripheral source/header files, startup file, etc. |