Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1030 Fiches technique(PDF) 1 Page - Linear Technology

No de pièce LT1030
Description  Quad Low Power Line Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1030 Fiches technique(HTML) 1 Page - Linear Technology

  LT1030 Datasheet HTML 1Page - Linear Technology LT1030 Datasheet HTML 2Page - Linear Technology LT1030 Datasheet HTML 3Page - Linear Technology LT1030 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
LT1030
Low Operating Voltage
±5V to ±15V
Supply Current: 500
µA
Zero Supply Current When Shut Down
Outputs Can Be Driven
±30V
Output “Open” When Off (Three-State)
Output Drive: 10mA
Pinout Similar to 1488*
Output of Several Devices Can Be Paralleled
The LT
® 1030 is an RS232 line driver that operates over a
±5V to ±15V range on low supply current and can be shut
down to zero supply current. Outputs are fully protected
from externally applied voltages of
±30V by current limit-
ing. Since the output swings to within 200mV of the
positive supply and 1V of the negative supply, power
supply needs are minimized.
A major advantage of the LT1030 is the high impedance
output state when off or powered down, which allows
several different drivers on the same bus.
Our RS232 product line includes other high performance
devices. The LT1039 is a triple low power driver/receiver
with shutdown that can be powered from a 5V supply. The
LT1080 is a 5V powered dual driver/receiver with on-chip
±9V power generator and shutdown.
Quad Low Power
Line Driver
FEATURES
DESCRIPTION
, LTC and LT are registered trademarks of Linear Technology Corporation.
RS232 Driver
Micropower Interface
Level Translator
APPLICATIONS
*Check compatability (some pins may be different).
RS232 Line Driver
Output Swing vs Output Current
OUTPUT CURRENT (mA)
0
V+
–0.2
–0.4
1.2
1.0
0.8
0.6
0.4
0.2
V
4
LT1030 • TA02
1
2
3
5
OUTPUT HIGH
OUTPUT LOW
1
2
3
4
5
6
7
14
13
12
11
10
9
8
–6V
INPUT
OUTPUT
ON/OFF
(0V TO 5V)
INPUT
OUTPUT
GND
6V
STROBE*
INPUT
OUTPUT
NC
INPUT
OUTPUT
*NO CONNECTION NEEDED WHEN NOT USED
5V = ON
LT1030 • TA01
LT1030
TYPICAL APPLICATION
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Numéro de pièce similaire - LT1030

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1030 LINER-LT1030 Datasheet
174Kb / 4P
Quad Low Power Line Driver
logo
Texas Instruments
LT1030 TI2-LT1030 Datasheet
496Kb / 17P
QUADRUPLE LOW-POWER LINE DRIVER
REVISED APRIL 1998
logo
Taiyo Yuden (U.S.A.), I...
LT10302R7106 TAIYO-YUDEN-LT10302R7106 Datasheet
298Kb / 2P
Cylinder Type Electric Double-Layer Capacitor[RSELT]
2021.11.26
LT10302R7106 TAIYO-YUDEN-LT10302R7106 Datasheet
298Kb / 2P
Cylinder Type Electric Double-Layer Capacitor
2022.08.22
logo
Texas Instruments
LT1030C TI-LT1030C Datasheet
112Kb / 8P
QUADRUPLE LOW-POWER LINE DRIVER
More results

Description similaire - LT1030

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DS1488 NSC-DS1488 Datasheet
161Kb / 6P
Quad Line Driver
logo
Fairchild Semiconductor
100313 FAIRCHILD-100313 Datasheet
82Kb / 8P
Low Power Quad Driver
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
Low Power Quad Differential Line Driver with Cut-Off
logo
Linear Technology
LT1030 LINER-LT1030 Datasheet
174Kb / 4P
Quad Low Power Line Driver
LT1030CS LINER-LT1030CS Datasheet
124Kb / 2P
Quad Low Power Line Driver?
LT1032 LINER-LT1032 Datasheet
184Kb / 8P
Quad Low Power Line Driver
LT1032 LINER-LT1032_02 Datasheet
205Kb / 12P
Quad Low Power Line Driver
LT1032 LINER-LT1032_15 Datasheet
214Kb / 12P
Quad Low Power Line Driver
logo
Motorola, Inc
MC14C88B MOTOROLA-MC14C88B Datasheet
119Kb / 8P
QUAD LOW POWER LINE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
MC1488 ARTSCHIP-MC1488 Datasheet
377Kb / 7P
Quad Line Driver
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com