Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM338 Fiches technique(PDF) 11 Page - Linear Technology

No de pièce LM338
Description  5A Positive Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LM338 Fiches technique(HTML) 11 Page - Linear Technology

Back Button LM338_15 Datasheet HTML 6Page - Linear Technology LM338_15 Datasheet HTML 7Page - Linear Technology LM338_15 Datasheet HTML 8Page - Linear Technology LM338_15 Datasheet HTML 9Page - Linear Technology LM338_15 Datasheet HTML 10Page - Linear Technology LM338_15 Datasheet HTML 11Page - Linear Technology LM338_15 Datasheet HTML 12Page - Linear Technology LM338_15 Datasheet HTML 13Page - Linear Technology LM338_15 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LT138A/LT338A
LM138/LM338
11
138afd
For more information www.linear.com/LT138A
package DescripTion
OBSOLETE PACKAGE
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
K Package
2-Lead TO-3 Metal Can
(Reference LTC DWG # 05-08-1310)
K2 (TO-3) 1098
0.038 – 0.043
(0.965 – 1.09)
0.060 – 0.135
(1.524 – 3.429)
0.320 – 0.350
(8.13 – 8.89)
0.420 – 0.480
(10.67 – 12.19)
0.760 – 0.775
(19.30 – 19.69)
0.490 – 0.510
(12.45 – 12.95)
R
0.167 – 0.177
(4.24 – 4.49)
R
0.151 – 0.161
(3.86 – 4.09)
DIA, 2PLCS
1.177 – 1.197
(29.90 – 30.40)
0.655 – 0.675
(16.64 – 17.15)
0.067 – 0.077
(1.70 – 1.96)
0.210 – 0.220
(5.33 – 5.59)
0.425 – 0.435
(10.80 – 11.05)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14