Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17P236M3GT Fiches technique(PDF) 5 Page - NEC

No de pièce UPD17P236M3GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD17P236M3GT Fiches technique(HTML) 5 Page - NEC

  UPD17P236M3GT Datasheet HTML 1Page - NEC UPD17P236M3GT Datasheet HTML 2Page - NEC UPD17P236M3GT Datasheet HTML 3Page - NEC UPD17P236M3GT Datasheet HTML 4Page - NEC UPD17P236M3GT Datasheet HTML 5Page - NEC UPD17P236M3GT Datasheet HTML 6Page - NEC UPD17P236M3GT Datasheet HTML 7Page - NEC UPD17P236M3GT Datasheet HTML 8Page - NEC UPD17P236M3GT Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
µPD17P236
5
Data Sheet U14776EJ1V0DS00
• 30-pin plastic SSOP (7.62 mm (300))
µPD17P236M1MC-5A4, 17P236M2MC-5A4, 17P236M3MC-5A4, 17P236M4MC-5A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
D2
D3
VPP
(Open)
VDD
(Open)
CLK
GND
(L)
(Open)
(Open)
(Open)
D1
D0
D7
D6
D5
D4
MD3
MD2
MD1
MD0
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
(L)
(L)
Caution Contents in parentheses indicate how to handle unused pins in PROM programming mode.
L
:
Connect to GND via a resistor (470
Ω) separately.
Open :
Leave unconnected.
CLK
:
Clock input for PROM
D0-D7
:
Data input/output for PROM
GND
:
Ground
MD0-MD3
:
Mode select input for PROM
VDD
:
Power supply
VPP
:
Power supply for PROM writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32