Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DC1023A Fiches technique(PDF) 1 Page - Linear Technology

No de pièce DC1023A
Description  36V BUCK REGULATOR WITH PROGRAMMABLE FREQUENCY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

DC1023A Fiches technique(HTML) 1 Page - Linear Technology

  DC1023A_15 Datasheet HTML 1Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LT3505
4


Numéro de pièce similaire - DC1023A_15

FabricantNo de pièceFiches techniqueDescription
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Hammond Manufacturing L...
DC100 HAMMOND-DC100 Datasheet
66Kb / 2P
Armoire pour serveur en acier robuste
logo
Wall Industries,Inc.
DC100 WALL-DC100 Datasheet
655Kb / 8P
2:1 Wide Input Voltage Ranges
DC100-12S05 WALL-DC100-12S05 Datasheet
655Kb / 8P
2:1 Wide Input Voltage Ranges
DC100-12S12 WALL-DC100-12S12 Datasheet
655Kb / 8P
2:1 Wide Input Voltage Ranges
More results

Description similaire - DC1023A_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Linear Technology
LT3694 LINER-LT3694 Datasheet
282Kb / 28P
36V, 2.6A Monolithic Buck Regulator With Dual LDO
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com