| Moteur de recherche de fiches techniques de composants électroniques |
|
MSK3003 Fiches technique(PDF) 1 Page - M.S. Kennedy Corporation |
|
|
|||||||||||||||||||||||||||||
MSK3003 Fiches technique(HTML) 1 Page - M.S. Kennedy Corporation |
|
1 / 6 page ![]() FEATURES: Pin Compatible with MPM3003 P and N Channel MOSFETs for Ease of Drive Isolated Package for Direct Heat Sinking, Excellent Thermal Conductivity Avalanche Rated Devices Interfaces Directly with Most Brushless Motor Drive IC's 55 Volt, 10 Amp Full Three Phase Bridge M.S.KENNEDY CORP. THREE PHASE BRIDGE MOSFET POWER MODULE The MSK3003 is a three phase bridge power circuit packaged in a space efficient isolated ceramic tab power SIP package. Consisting of P-Channel MOSFETs for the top transistors and N-Channel MOSFETs for the bottom transistors, the MSK3003 will interface directly with most brushless motor drive IC's without special gate driving requirements. The MSK3003 uses M.S.Kennedy's proven power hybrid technology to bring a cost effective high performance circuit for use in today's sophisticated servo motor and disk drive systems. The MSK3003 is a replacement for the MPM3003 with only minor differences in mechanical specifications. DESCRIPTION: EQUIVALENT SCHEMATIC Three Phase Brushless DC Motor Servo Control Disk Drive Spindle Control Fin Actuator Control Az-El Antenna Control TYPICAL APPLICATIONS PIN-OUT INFORMATION 1 2 3 4 5 6 SOURCE 2,4,6 GATE 2 GATE 1 DRAIN 1,2 GATE 4 DRAIN 3,4 SOURCE 1,3,5 SOURCE 1,3,5 GATE 5 DRAIN 5,6 GATE 6 GATE 3 12 11 10 9 8 7 3003 1 MIL-PRF-38534 AND 38535 CERTIFIED FACILITY 8548-138 Rev. J 10/14 |
Numéro de pièce similaire - MSK3003_15 |
|
Description similaire - MSK3003_15 |