| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0613 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0613 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 11 page ![]() UM0613 PCB layout Doc ID 15186 Rev 1 7/11 5 PCB layout The STOD02 is a switching device in which the PCB must be designed in line with switched supplies design rules. The power tracks (or wires in the demo board) must be as short as possible and of suitable width, because of the peak currents involved. It is recommended to use a 2-layer PCB to attain the best performance. All external components must be placed as close as possible to the STOD02. All high-energy switched loops should be as small as possible to reduce EMI. Efficient cooling is needed and may be done by using a dedicated copper area on the PCB. All the Power ground tracks coming from CIN, COUT+, COUT- must be placed as close as possible to the PGND pin in order to create a good GND route. 5.1 Demonstration board PCB layout Figure 3. Top layer Power Input Connector Power Output Connector S-Wire Connector Enable Connector Power Input Connector Power Output Connector S-Wire Connector Enable Connector |