Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0580 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce UM0580
Description  100 W 3 phase inverter featuring L6390 and STD5NK52ZD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0580 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button UM0580 Datasheet HTML 12Page - STMicroelectronics UM0580 Datasheet HTML 13Page - STMicroelectronics UM0580 Datasheet HTML 14Page - STMicroelectronics UM0580 Datasheet HTML 15Page - STMicroelectronics UM0580 Datasheet HTML 16Page - STMicroelectronics UM0580 Datasheet HTML 17Page - STMicroelectronics UM0580 Datasheet HTML 18Page - STMicroelectronics UM0580 Datasheet HTML 19Page - STMicroelectronics UM0580 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Board schematics
UM0580
16/24
8.1
Gate driving circuit
Figure 9 shows the circuit used to turn the power MOSFETs on and off.
During the turn-on phase, the power MOSFET gate capacitances are charged through 50-
Ω
resistors while the turn-off is secured by the D3 diode (or similar).
Use of the L6390D device always guarantees a minimum adjustable dead time (DT). This
dead time is applied to the HVG and LVG outputs whenever a dead time shorter than DT is
present on the HIN and LIN inputs. The R12, R32 and R52 values being equal to 47 k
Ω,
set the minimum dead time to approximately 600 nsec.
8.2
Overcurrent protection
A hardware overcurrent protection has been implemented on the board taking advantage of
the comparator integrated inside the L6390D. The internal connection between the
comparator output and the shutdown block makes the intervention time of the overcurrent
protection extremely low, slightly above 100 nsec.
Figure 9.
Detailed gate driving circuit
AM01265v1
Figure 10.
Overcurrent protection
AM01266v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24