Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3308 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 25Page - STMicroelectronics AN3308 Datasheet HTML 26Page - STMicroelectronics AN3308 Datasheet HTML 27Page - STMicroelectronics AN3308 Datasheet HTML 28Page - STMicroelectronics AN3308 Datasheet HTML 29Page - STMicroelectronics AN3308 Datasheet HTML 30Page - STMicroelectronics AN3308 Datasheet HTML 31Page - STMicroelectronics AN3308 Datasheet HTML 32Page - STMicroelectronics AN3308 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
AN3308
6D/4D orientation detection
Doc ID 18198 Rev 1
29/52
7.2
4D direction
The 4D direction function is a subset of the 6D function especially defined to be
implemented in handheld devices. It can be enabled by setting the D4D_INT1 bit of
CTRL_REG5 to 1 when the 6D bit on INT1_CFG is set to 1. In this configuration, Z axis
position detection is disabled, therefore reducing position recognition to cases (a), (b), (c),
and (d) of Table 17.
Table 17.
INT1_SRC register in 6D position
Case
IA
ZH
ZL
YH
YL
XH
XL
(a)
1
000
10
0
(b)
1
000
01
0
(c)
1
000
00
1
(d)
1
001
00
0
(e)
1
100
00
0
(f)
1
010
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52