| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD30121 Fiches technique(PDF) 19 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD30121 Fiches technique(HTML) 19 Page - NEC |
|
19 / 76 page ![]() Data Sheet U14691EJ1V0DS00 19 µµµµPD30121 (3/4) Pin Name After Reset by the RTC Reset After Reset by the Deadman’s Switch or RSTSW# Signal In the Suspend Mode In the Hibernate Mode or Shut Down by the HAL Timer During a Bus Hold DDIN Note 1/ GPIO45 −/ Hi-Z −/ Note 2 −/ Note 2 −/ Note 2 − / Note 2 DDOUT Note 1/ GPIO44 1/ 1 1/ Note 2 1/ Note 2 1/ Note 2 1/ Note 2 DRTS# Note 1/ GPIO46 1/ 1 1/ Note 2 1/ Note 2 1/ Note 2 1/ Note 2 DCTS# Note 1/ GPIO47 −/ Hi-Z −/ Note 2 − / Note 2 − / Note 2 −/ Note 2 KPORT (0:7) −− − − − KSCAN (0:11) Note 1/ GPIO (32:43) Hi-Z/ Hi-Z Hi-Z/ Note 2 Note 2/ Note 2 Hi-Z/ Note 2 Note 3 AUDIOOUT 0 0 Note 2 0 Note 3 TPX (0:1) 1 1 Note 2 1 Note 3 TPY (0:1) Hi-Z Hi-Z Note 2 Hi-Z Note 3 ADIN (0:2) −− − − − AUDIOIN −− − − − GPIO (0:3) Hi-Z Hi-Z Note 2 Hi-Z Note 4 Note 3 SRAS#/ GPIO4 Hi-Z Note 5/ Hi-Z 0/ Note 2 0/ Hi-Z Hi-Z/ Note 3 SCAS#/ GPIO5 Hi-Z Note 5/ Hi-Z 0/ Note 2 0/ Hi-Z Hi-Z/ Note 3 SYSDIR/ GPIO6 0/ Hi-Z 0/ Hi-Z 0/ Note 2 0/ Hi-Z Hi-Z/ Note 3 SPOWER/ GPIO7 0/ Hi-Z 1/ Hi-Z 1/ Note 2 1/ Hi-Z 1/ Note 3 GPIO (8:14) Hi-Z Hi-Z Note 2 Hi-Z Note 4 Note 3 Notes 1. Software can switch the function pin and the output port. 2. The state of the previous Full-speed Mode is maintained. 3. Normal operation proceeds. 4. During hibernate mode, the pull-up/pull-down setting is retained. 5. When reset by RSTSW# signal: low level output (self refresh) When reset by deadman's switch: high level output Remark 0: low level, 1: high level, Hi-Z: high impedance |