Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3290 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN3290
Description  Reference design for double output SMPS for power line
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3290 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN3290 Datasheet HTML 18Page - STMicroelectronics AN3290 Datasheet HTML 19Page - STMicroelectronics AN3290 Datasheet HTML 20Page - STMicroelectronics AN3290 Datasheet HTML 21Page - STMicroelectronics AN3290 Datasheet HTML 22Page - STMicroelectronics AN3290 Datasheet HTML 23Page - STMicroelectronics AN3290 Datasheet HTML 24Page - STMicroelectronics AN3290 Datasheet HTML 25Page - STMicroelectronics AN3290 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Protection features
AN3290
22/34
Doc ID 18038 Rev 1
5.2
Auxiliary winding disconnection (brownout)
At any switching cycle, the current sourced from the ZCD pin during turn-on is sensed and
compared with an internal reference, IZCDON (50 µA).
When the auxiliary winding is accidentally disconnected, no more current is sourced from
the pin and the IC enters brownout, therefore, immediately stopping switching. After restart,
once VCC reaches the VCCon threshold, the device restarts again and, if the fault is still
present, the protection is maintained active.
This feature has been tested and the results are shown in Figure 24.
Figure 24.
Brownout protection activation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34