Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3288 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN3288
Description  The purpose of this application note is to provide an accurate description
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3288 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN3288 Datasheet HTML 15Page - STMicroelectronics AN3288 Datasheet HTML 16Page - STMicroelectronics AN3288 Datasheet HTML 17Page - STMicroelectronics AN3288 Datasheet HTML 18Page - STMicroelectronics AN3288 Datasheet HTML 19Page - STMicroelectronics AN3288 Datasheet HTML 20Page - STMicroelectronics AN3288 Datasheet HTML 21Page - STMicroelectronics AN3288 Datasheet HTML 22Page - STMicroelectronics AN3288 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AN3288
Special features
Doc ID 18011 Rev 2
19/27
else /* if no braking */
{TIM1_SetCompare1(PWM0); /* PWM duty cycle to 100% set LEDs OFF */
brk_stat = FALSE;
}
4.3
Adaptability to other applications
The designed platform is mainly optimized for motorcycles but its functions can be easily
adapted to other applications such as bicycles, two or four wheel electric vehicles, or radio
controlled toys in general, by changing the devices in non automotive grade and setting the
thresholds opportunely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27