Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3286 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 25Page - STMicroelectronics AN3286 Datasheet HTML 26Page - STMicroelectronics AN3286 Datasheet HTML 27Page - STMicroelectronics AN3286 Datasheet HTML 28Page - STMicroelectronics AN3286 Datasheet HTML 29Page - STMicroelectronics AN3286 Datasheet HTML 30Page - STMicroelectronics AN3286 Datasheet HTML 31Page - STMicroelectronics AN3286 Datasheet HTML 32Page - STMicroelectronics AN3286 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AN3286
Testing the board
Doc ID 17998 Rev 1
29/42
Figure 35.
Implementing input voltage feed-forward function
Figure 36 and Table 18 show the output current when the overload protection is tripped
(IOLP, blue line), while the IOUT_REST is the output current value at which the converter starts
working again once the overload protection has been tripped and the output load gradually
reduced.
Figure 36.
IOUT_OLP and IOUT_REST vs. VIN_AC diagram
Table 18.
IOUT_OLP and IOUT_REST values
VIN (VAC)
IOUT_OLP [A]
IOUT_REST [A]
90
2.12
1.88
115
2.26
1.97
230
2.37
1.96
265
2.31
1.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42