Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3233 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 17Page - STMicroelectronics AN3233 Datasheet HTML 18Page - STMicroelectronics AN3233 Datasheet HTML 19Page - STMicroelectronics AN3233 Datasheet HTML 20Page - STMicroelectronics AN3233 Datasheet HTML 21Page - STMicroelectronics AN3233 Datasheet HTML 22Page - STMicroelectronics AN3233 Datasheet HTML 23Page - STMicroelectronics AN3233 Datasheet HTML 24Page - STMicroelectronics AN3233 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
AN3233
Conducted emission pre-compliance test
Doc ID 17595 Rev 1
21/35
6
Conducted emission pre-compliance test
Figure 23
and 24 represent the average measurement of the conducted emission at full load
and nominal mains voltages. The limit indicated in red on the diagrams is relevant to
average measurements and is the EN55022 Class-B one, which has more severe limits
compared to Class-A, dedicated to IT technology equipment. As can be seen, in all test
conditions the measurements are significantly below the limits.
Figure 23.
CE average measurement at 115 Vac and full load
Figure 24.
CE average measurement at 230 Vac and full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35