Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3119 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 20Page - STMicroelectronics AN3119 Datasheet HTML 21Page - STMicroelectronics AN3119 Datasheet HTML 22Page - STMicroelectronics AN3119 Datasheet HTML 23Page - STMicroelectronics AN3119 Datasheet HTML 24Page - STMicroelectronics AN3119 Datasheet HTML 25Page - STMicroelectronics AN3119 Datasheet HTML 26Page - STMicroelectronics AN3119 Datasheet HTML 27Page - STMicroelectronics AN3119 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Test results and significant waveforms
AN3119
24/32
Doc ID 16849 Rev 2
(#9), which is an open collector type, if it needs a pull-up resistor please connect it close to
the cascaded PWM for a better noise immunity.
Figure 35.
Interface circuits that let the L6563S
switch on or off a PWM controller -
not latched
Figure 36.
Interface circuits that let the L6563S
switch on or off a PWM controller -
latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32