Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3106 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN3106
Description  The use and growing popularity of LEDS, thanks to their high efficiency
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3106 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN3106 Datasheet HTML 17Page - STMicroelectronics AN3106 Datasheet HTML 18Page - STMicroelectronics AN3106 Datasheet HTML 19Page - STMicroelectronics AN3106 Datasheet HTML 20Page - STMicroelectronics AN3106 Datasheet HTML 21Page - STMicroelectronics AN3106 Datasheet HTML 22Page - STMicroelectronics AN3106 Datasheet HTML 23Page - STMicroelectronics AN3106 Datasheet HTML 24Page - STMicroelectronics AN3106 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
AN3106
Conducted emission precompliance measurement
Doc ID 16775 Rev 2
21/34
6
Conducted emission precompliance measurement
Figure 33 to Figure 36 show the average measurement of the conducted noise at full load
and nominal mains voltages for both wires, line and neutral. The limits on the diagrams are
the EN55022 Class-B norms. As visible on the diagrams, in all test conditions the
measurements are well below the limits.
Figure 33.
CE average measurement at 115 VAC and full load - phase wire
Figure 34.
CE average measurement at 115 VAC and full load - neutral wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34