Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17P236M1GT Fiches technique(PDF) 2 Page - NEC

No de pièce UPD17P236M1GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD17P236M1GT Fiches technique(HTML) 2 Page - NEC

  UPD17P236M1GT Datasheet HTML 1Page - NEC UPD17P236M1GT Datasheet HTML 2Page - NEC UPD17P236M1GT Datasheet HTML 3Page - NEC UPD17P236M1GT Datasheet HTML 4Page - NEC UPD17P236M1GT Datasheet HTML 5Page - NEC UPD17P236M1GT Datasheet HTML 6Page - NEC UPD17P236M1GT Datasheet HTML 7Page - NEC UPD17P236M1GT Datasheet HTML 8Page - NEC UPD17P236M1GT Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
µPD17P236
2
Data Sheet U14776EJ1V0DS00
ORDERING INFORMATION
Part Number
Package
µPD17P236M1GT
28-pin plastic SOP (9.53 mm (375))
µPD17P236M1MC-5A4
30-pin plastic SSOP (7.62 mm (300))
µPD17P236M2GT
28-pin plastic SOP (9.53 mm (375))
µPD17P236M2MC-5A4
30-pin plastic SSOP (7.62 mm (300))
µPD17P236M3GT
28-pin plastic SOP (9.53 mm (375))
µPD17P236M3MC-5A4
30-pin plastic SSOP (7.62 mm (300))
µPD17P236M4GT
28-pin plastic SOP (9.53 mm (375))
µPD17P236M4MC-5A4
30-pin plastic SSOP (7.62 mm (300))
PIN CONFIGURATION (TOP VIEW)
(1) Normal operation mode
• 28-pin plastic SOP (9.53 mm (375))
µPD17P236M1GT, 17P236M2GT, 17P236M3GT, 17P236M4GT
P0D 2
P0D 3
INT
P0E 0
P0E 1
P0E 2
P0E 3
REM
V DD
X OUT
X IN
GND
RESET
P1A0
P0D 1
P0D 0
P0C 3
P0C 2
P0C 1
P0C 0
P0B 3
P0B 2
P0B 1
P0B 0
P0A 3
P0A 2
P0A 1
P0A 0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32