| Moteur de recherche de fiches techniques de composants électroniques |
|
N452000 Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
N452000 Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved |
|
1 / 2 page ![]() Duplex MMF Coupler (SC/SC) MODEL NUMBER: N452-000 Description This coupler provides a simple and easy way to link together two fiber optic cables with SC connectors. Can be used with duplex or simplex cable assemblies. Features Dual SC female connectors For 62.5/125 or 50/125 multimode fiber Specifications OVERVIEW Cable Type Multimode CONNECTIONS Connector A SC (FEMALE) Connector B SC (FEMALE) SPECIAL FEATURES Chromebook Compatible No WARRANTY Product Warranty Period (Worldwide) Lifetime limited warranty © 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice. Photos may differ slightly from final products. Highlights Dual SC/SC coupler for extending existing cables High precision mating structure with low insertion loss Duplex adapter accepts two simplex connectors or one duplex connector System Requirements Two cables with SC fiber optic connectors Package Includes Duplex SC to SC fiber optic coupler 1 / 2 |
Numéro de pièce similaire - N452000 |
|
Description similaire - N452000 |