Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2938 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2938
Description  Power system demonstration kit based on the PM6686 dual
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2938 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2938 Datasheet HTML 17Page - STMicroelectronics AN2938 Datasheet HTML 18Page - STMicroelectronics AN2938 Datasheet HTML 19Page - STMicroelectronics AN2938 Datasheet HTML 20Page - STMicroelectronics AN2938 Datasheet HTML 21Page - STMicroelectronics AN2938 Datasheet HTML 22Page - STMicroelectronics AN2938 Datasheet HTML 23Page - STMicroelectronics AN2938 Datasheet HTML 24Page - STMicroelectronics AN2938 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AN2938
Jumper settings
Doc ID 15429 Rev 1
21/39
9.14
Output 1, virtual ESR connection
9.15
Output 2, virtual ESR connection
9.16
LGATE source for charge pump circuit
Table 16.
Jumper S14 VESR1
Position
Virtual ESR enable circuit for section 1
Left floating
Virtual ESR circuit is disabled.
VESR1
Virtual ESR circuit is enabled.
Table 17.
Jumper S15 VESR2
Position
Virtual ESR enable circuit for section 2
OUT2
Virtual ESR circuit is disabled.
VESR2
Virtual ESR circuit is enabled.
Table 18.
Jumper S16 CP_SOURCE
Position
Source of the charge pump CP
LGATE1
The charge pump circuit is supplied by low side driver of section 1.
LGATE2
The charge pump circuit is supplied by low side driver of section 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39