Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2934 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 19Page - STMicroelectronics AN2934 Datasheet HTML 20Page - STMicroelectronics AN2934 Datasheet HTML 21Page - STMicroelectronics AN2934 Datasheet HTML 22Page - STMicroelectronics AN2934 Datasheet HTML 23Page - STMicroelectronics AN2934 Datasheet HTML 24Page - STMicroelectronics AN2934 Datasheet HTML 25Page - STMicroelectronics AN2934 Datasheet HTML 26Page - STMicroelectronics AN2934 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
AN2934
Comparison of EMI for single and dual output device with and without shield
Doc ID 15394 Rev 1
23/27
6.3
Soft-start
When the power supply starts, the output capacitors need to be charged up to the operating
voltage. During this initial time, the converter has to charge the output capacitors plus
deliver any output current required. This results in the maximum current being delivered to
the output. The maximum output current is proportional to the primary current limited by the
pulse-by-pulse current limit of the device. With the soft-start feature, the current’s trip level is
raised in 16 equal steps for a total duration of 8.5 ms. This prevents the current from
reaching a higher value during the start-up time. Figure 19 shows the soft-start feature of
the converter.
Figure 19.
Soft-start feature
AM03433v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27