| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2870 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2870 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 41 page ![]() AN2870 Designing with L6585DE 29/41 Equation 31 L and C are chosen in order to fit the following constraints: ● Preheating voltage has to be less than a value reported on lamp datasheet to avoid early ignition. Equation 32 ● In case of current controlled preheating, the Preheating current should be between two values in order to obtain an effective preheating. These two values depend on the preheating time, or, better, on the total energy delivered to the lamp during preheating. Equation 33 ● Run frequency should be less than minimum ignition frequency. This frequency is the frequency at which the voltage across the lamp reaches its maximum value (reported on lamp datasheet). Equation 34 ign out 0 ign pre out 0 2 pre 0 out pre 0 out 0 pre 2 run 0 out 2 2 2 0 run V 2 V 2 1 f f V V 2 1 f ) OR ( 4 I Z V 2 I Z V 2 2 f f 2 I 2 Q Z V 4 4 Q 1 2 Q 1 2 f f ⋅ ⋅ π + = π + = = ⎥ ⎥ ⎥ ⎦ ⎤ ⎢ ⎢ ⎢ ⎣ ⎡ + ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ ⋅ ⋅ π + ⋅ ⋅ π = ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ ⋅ ⋅ ⋅ π + − ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ − + ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ − = max , pre pre res 2 pre 0 0 pre pk , bal pre V f f f f f f V V < ⋅ ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ − = [] max , ph min , ph 2 pre 0 0 pre 0 pk , bal pre I .. I f f f f Z V I ∈ ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ − = min , ign res 2 min , ign 0 0 min , ign pk , bal ign f f f f f f V V ⋅ ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ − = |