Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2852 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Fiches technique(HTML) 4 Page - STMicroelectronics

  AN2852 Datasheet HTML 1Page - STMicroelectronics AN2852 Datasheet HTML 2Page - STMicroelectronics AN2852 Datasheet HTML 3Page - STMicroelectronics AN2852 Datasheet HTML 4Page - STMicroelectronics AN2852 Datasheet HTML 5Page - STMicroelectronics AN2852 Datasheet HTML 6Page - STMicroelectronics AN2852 Datasheet HTML 7Page - STMicroelectronics AN2852 Datasheet HTML 8Page - STMicroelectronics AN2852 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Main characteristics and circuit description
AN2852
4/35
1
Main characteristics and circuit description
The main characteristics of the SMPS adapter are as follows:
●
Input mains range
–Vin: 88 ~ 264 Vrms
–
f: 45 ~ 66 Hz
●
Output: 12Vdc ± 2% - 7.5 A
●
No-load: Pin below 0.35 W
●
Protections
–
Short-circuit
–Overload
–
Ouput overvoltage
–
Brownout
●
PCB type and size
–CEM-1
–
Single-side 70 µm
–
174 x 78 mm
●
Safety: according to EN60065
●
EMI: according to EN50022 - class B
The adapter implements a two-stage solution. The front-end PFC uses a boost topology
working in transition mode (TM). The IC used is the L6563, advanced TM PFC controller,
which integrates all the functions and protection needed to control the stage and an
interface with the downstream DC-DC converter.
The power stage of the PFC comprises inductor L2, MOSFET Q1, diode D4 and capacitor
C9. The PFC circuit is quite standard and already well described in previous ST application
notes. Therefore this note will focus on the AHB stage and its controller, the L6591. This DC-
DC converter comprises a half-bridge (MOSFET Q3 and Q4) connected to the output
voltage of the PFC stage that drives the series connection of a DC blocking capacitor (C44)
and the primary of the transformer (T1). The transformer has two secondary windings with a
center tap connection tied to ground. The other ends are connected to the output diodes
D12 and D13. The output inductor is between the common cathode of diodes D12 and D13
and the output. The L6591 includes a current mode PWM controller (fixed-frequency
solution), gate drivers for both low and high-side MOSFETs with integrated bootstrap diode
and all the functions and protections tailored for this topology. The device is housed in an
SO-16 narrow package.
This adapter uses the magnetizing current and the output inductor current ripple to obtain
the correct primary current direction to achieve zero-voltage switching (ZVS) at turn-on of
both MOSFETs. The transformer construction is quite simple as it is a layer type with the
primary winding split in two parts (sandwich configuration) and two secondary windings.
The primary leakage inductance is about 3% of the magnetizing inductance. The half-bridge
is operated at fixed frequency with complementary duty cycles on the two MOSFETs. The
high-side FET is on during the D time and the low-side FET is on for the 1-D time. C44 is
calculated in order to have a resonance frequency due to Lm and C44 well below the
switching frequency (that, in this application, has been set at about 100 kHz). In this way the
voltage on C44 is nearly constant and equal to Vin x D where Vin is the high-voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com