Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2847 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 23Page - STMicroelectronics AN2847 Datasheet HTML 24Page - STMicroelectronics AN2847 Datasheet HTML 25Page - STMicroelectronics AN2847 Datasheet HTML 26Page - STMicroelectronics AN2847 Datasheet HTML 27Page - STMicroelectronics AN2847 Datasheet HTML 28Page - STMicroelectronics AN2847 Datasheet HTML 29Page - STMicroelectronics AN2847 Datasheet HTML 30Page - STMicroelectronics AN2847 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
AN2847
Interrupt generation
Doc ID 15136 Rev 2
29/31
Table 19.
INTx_SRC register in 6D position
Case
IA
ZH
ZL
YH
YL
XH
XL
(a)
100
01
00
(b)
100
00
10
(c)
100
00
01
(d)
100
10
00
(e)
110
00
00
(f)
101
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31