| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2833 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2833 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 32 page ![]() AN2833 Test setup and performance summary 23/32 Figure 15 shows the input current consumption measured at VIN+ (includes ISHDN) and the input device current consumption measured by the VCC pin. Both switching sections are working in forced PWM mode. No load is applied on the outputs. Figure 15. Input current vs. input voltage in PWM mode Figure 16 shows the input current consumption measured at VIN+, with both switching sections working in pulse-skip mode. No load is applied on the outputs. Figure 16. Input current vs. input voltage in skip mode Figure 17 shows the input current consumption measured at VIN+, with both switching sections working in non-audible skip mode. No load is applied on the outputs. |