Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2818 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2818
Description  NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2818 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2818 Datasheet HTML 9Page - STMicroelectronics AN2818 Datasheet HTML 10Page - STMicroelectronics AN2818 Datasheet HTML 11Page - STMicroelectronics AN2818 Datasheet HTML 12Page - STMicroelectronics AN2818 Datasheet HTML 13Page - STMicroelectronics AN2818 Datasheet HTML 14Page - STMicroelectronics AN2818 Datasheet HTML 15Page - STMicroelectronics AN2818 Datasheet HTML 16Page - STMicroelectronics AN2818 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN2818
Working with the demonstration board
13/24
The device status ensures that the demonstration board is correctly connected to the USB
and ready to be used.
4.2
Connecting the NiMH battery
The demonstration board is not provided with any specific battery slot in order to avoid
making it package-specific. Instead, a 3-pin connector is provided on the demonstration
board as shown in Figure 8.
Figure 7.
USB LI-Ion demonstration board HID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24