| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2813 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2813 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 25 page ![]() Conclusion AN2813 24/25 Doc ID 14923 Rev 1 7 Conclusion With respect to the results obtained, the TDE1708DFT may be used in the operating mode COM1 (4.8 kBaud) in p-switching (high-side) 3-wire sensors and up to operating mode COM2 (38.4 kBaud) in push-pull 3-wire sensors. Note: In the case of push-pull configuration a precise compensation of the propagation turn-on time temperature drift (Figure 18) is necessary to avoid cross conduction of the two switches. The alternative driving configuration (Section 6: Alternative driving) partially solves this issue for the price of employing two input pins for one switch. 8 References 1. TDE1708DFT datasheet. 2. AN495 application note. 3. IO-Link Communication Specification, Version 0.98, February 2007 - see: www.io-link.com/share/Downloads/IOL-Comm-Spec_10002_V10_090118.pdf. 9 Revision history Table 3. Document revision history Date Revision Changes 09-Feb-2011 1 Initial release. |