Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2809 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN2809
Description  The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2809 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN2809 Datasheet HTML 5Page - STMicroelectronics AN2809 Datasheet HTML 6Page - STMicroelectronics AN2809 Datasheet HTML 7Page - STMicroelectronics AN2809 Datasheet HTML 8Page - STMicroelectronics AN2809 Datasheet HTML 9Page - STMicroelectronics AN2809 Datasheet HTML 10Page - STMicroelectronics AN2809 Datasheet HTML 11Page - STMicroelectronics AN2809 Datasheet HTML 12Page - STMicroelectronics AN2809 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN2809
I/O interface
9/22
5
I/O interface
The LED7706 demonstration board has the following test points.
Table 3.
Description of LED7706 demonstration board test points
Test point
Description
VIN+
Input voltage, positive terminal
VIN-
Input voltage, negative terminal
GND
Reference ground
Row1 to row6
Current generators output
VBOOST
Boost regulator output voltage
DIM
PWM dimming input
EN
Enable input (active high)
SYNC
Synchronization output
FSW
Synchronization input
FAULT
Fault signal, active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22