Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2808 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 14Page - STMicroelectronics AN2808 Datasheet HTML 15Page - STMicroelectronics AN2808 Datasheet HTML 16Page - STMicroelectronics AN2808 Datasheet HTML 17Page - STMicroelectronics AN2808 Datasheet HTML 18Page - STMicroelectronics AN2808 Datasheet HTML 19Page - STMicroelectronics AN2808 Datasheet HTML 20Page - STMicroelectronics AN2808 Datasheet HTML 21Page - STMicroelectronics AN2808 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
PM6670S evaluation tests
AN2808
18/40
10
PM6670S evaluation tests
10.1
Turning on VDDQ, VTT and VTTREF (soft-start)
The VDDQ soft-start is divided into four steps. In each step, the current limit is increased by
¼ of the nominal value, as shown in Figure 15. VTT and VTTREF soft-starts are performed
at their maximum available current.
Figure 15.
VDDQ soft-start at 150 m
Ω load, pulse-skip mode
Figure 16.
VDDQ turn-on (S5), pulse-skip mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40