| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17P236M1 Fiches technique(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P236M1 Fiches technique(HTML) 2 Page - NEC |
|
2 / 32 page ![]() µPD17P236 2 Data Sheet U14776EJ1V0DS00 ORDERING INFORMATION Part Number Package µPD17P236M1GT 28-pin plastic SOP (9.53 mm (375)) µPD17P236M1MC-5A4 30-pin plastic SSOP (7.62 mm (300)) µPD17P236M2GT 28-pin plastic SOP (9.53 mm (375)) µPD17P236M2MC-5A4 30-pin plastic SSOP (7.62 mm (300)) µPD17P236M3GT 28-pin plastic SOP (9.53 mm (375)) µPD17P236M3MC-5A4 30-pin plastic SSOP (7.62 mm (300)) µPD17P236M4GT 28-pin plastic SOP (9.53 mm (375)) µPD17P236M4MC-5A4 30-pin plastic SSOP (7.62 mm (300)) PIN CONFIGURATION (TOP VIEW) (1) Normal operation mode • 28-pin plastic SOP (9.53 mm (375)) µPD17P236M1GT, 17P236M2GT, 17P236M3GT, 17P236M4GT P0D 2 P0D 3 INT P0E 0 P0E 1 P0E 2 P0E 3 REM V DD X OUT X IN GND RESET P1A0 P0D 1 P0D 0 P0C 3 P0C 2 P0C 1 P0C 0 P0B 3 P0B 2 P0B 1 P0B 0 P0A 3 P0A 2 P0A 1 P0A 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 |