Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2507 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2507
Description  This application note explains the design of a FLASH LED driver using the STCF03 device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2507 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2507 Datasheet HTML 9Page - STMicroelectronics AN2507 Datasheet HTML 10Page - STMicroelectronics AN2507 Datasheet HTML 11Page - STMicroelectronics AN2507 Datasheet HTML 12Page - STMicroelectronics AN2507 Datasheet HTML 13Page - STMicroelectronics AN2507 Datasheet HTML 14Page - STMicroelectronics AN2507 Datasheet HTML 15Page - STMicroelectronics AN2507 Datasheet HTML 16Page - STMicroelectronics AN2507 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AN2507
PCB design
13/31
3.2.2
A two-layer PCB with application area 72.4 mm2 for QFN package
Figure 8.
Top layer
Figure 9.
Bottom layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31