Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0452 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM0452
Description  Temperature sensor evaluation board
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0452 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM0452 Datasheet HTML 17Page - STMicroelectronics UM0452 Datasheet HTML 18Page - STMicroelectronics UM0452 Datasheet HTML 19Page - STMicroelectronics UM0452 Datasheet HTML 20Page - STMicroelectronics UM0452 Datasheet HTML 21Page - STMicroelectronics UM0452 Datasheet HTML 22Page - STMicroelectronics UM0452 Datasheet HTML 23Page - STMicroelectronics UM0452 Datasheet HTML 24Page - STMicroelectronics UM0452 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
UM0452
USB power/GUI mode of evaluation board
21/30
4.4.3
RTC SYNC
1.
There is a Sync button used to synchronize the RTC CLOCK with the system time.
Press the Sync button to match the two clocks. The status of the RTC window is shown
in Figure 15.
Figure 15.
RTC window
4.5
Plotter mode
There is plotter icon in the toolbar. Click on this icon to open the plotter application on GUI.
This plotter can be used to plot the temperature variation with respect to time in real time
(Dynamic Mode) or the temperature data can be stored in NAND Flash on the board and
then can be plotted at a later time (NAND Mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30