Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0442 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 17Page - STMicroelectronics UM0442 Datasheet HTML 18Page - STMicroelectronics UM0442 Datasheet HTML 19Page - STMicroelectronics UM0442 Datasheet HTML 20Page - STMicroelectronics UM0442 Datasheet HTML 21Page - STMicroelectronics UM0442 Datasheet HTML 22Page - STMicroelectronics UM0442 Datasheet HTML 23Page - STMicroelectronics UM0442 Datasheet HTML 24Page - STMicroelectronics UM0442 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
UM0442
Hardware configuration and functionality
21/33
The two push buttons are attached to pins P0.10 and P1.07 (external interrupt 4 and 8
respectively), see Figure 21.
Figure 21.
General purpose push buttons schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33