Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2785 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 35Page - STMicroelectronics AN2785 Datasheet HTML 36Page - STMicroelectronics AN2785 Datasheet HTML 37Page - STMicroelectronics AN2785 Datasheet HTML 38Page - STMicroelectronics AN2785 Datasheet HTML 39Page - STMicroelectronics AN2785 Datasheet HTML 40Page - STMicroelectronics AN2785 Datasheet HTML 41Page - STMicroelectronics AN2785 Datasheet HTML 42Page - STMicroelectronics AN2785 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
AN2785
Below-ground voltage on the OUT pin
Doc ID 14785 Rev 1
39/51
Figure 29.
Use of OUT resistor to limit the below ground voltage spike on OUT pin
Note that this resistor is in series with both the turn ON and the turn OFF path, so it must be
considered in the sizing of overall turn-ON and turn-OFF resistance.
In case neither the OUT resistor would not be enough to limit the below ground voltage, the
following final resolving action could be taken:
●
Add a high voltage fast diode (e.g. STTH1L06) between the GND pin and the OUT pin
(very close to the device pins) in order to clamp directly on the gate driver OUT pin the
below ground voltage spike. Note that, in any case, this diode must be used together
with the OUT resistance suggested in the previous tip, because it must be avoided that
the diode brings the very large load current during low side recirculation, in order to
increase the clamping action of the diode itself (see following Figure 30).
HVG
H.V.
OUT
LVG
BOOT
DH
HS
LS
CBOOT
VCC
HB_OUT
RGH_ON
RGH_OFF
RGL_ON
RGL_OFF
DL
RBOOT
DBOOT
t
V
HB_OUT
OUT
BOOT
VBOOT without Rout
0
ROUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51