Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2761 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN2761
Description  Solution for designing a transition mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2761 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN2761 Datasheet HTML 27Page - STMicroelectronics AN2761 Datasheet HTML 28Page - STMicroelectronics AN2761 Datasheet HTML 29Page - STMicroelectronics AN2761 Datasheet HTML 30Page - STMicroelectronics AN2761 Datasheet HTML 31Page - STMicroelectronics AN2761 Datasheet HTML 32Page - STMicroelectronics AN2761 Datasheet HTML 33Page - STMicroelectronics AN2761 Datasheet HTML 34Page - STMicroelectronics AN2761 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AN2761
Test results and significant waveforms
Doc ID 14690 Rev 2
31/36
For user reference, waveforms of the input current and voltage at the nominal input voltage
mains and different load conditions are shown in Figure 25 through Figure 30.
Figure 25.
EVL6562A-TM-80W input current at
100 V-50 Hz - 80 W load
Figure 26.
EVL6562A-TM-80W input current at
230 V-50 Hz - 80 W load
Figure 27.
EVL6562A-TM-80W input current at
100 V-50 Hz - 40 W load
Figure 28.
EVL6562A-TM-80W input current at
230 V-50 Hz - 40 W load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36