Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2684 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN2684
Description  The STEVAL-IFP006V1 demonstration board has been developed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2684 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN2684 Datasheet HTML 1Page - STMicroelectronics AN2684 Datasheet HTML 2Page - STMicroelectronics AN2684 Datasheet HTML 3Page - STMicroelectronics AN2684 Datasheet HTML 4Page - STMicroelectronics AN2684 Datasheet HTML 5Page - STMicroelectronics AN2684 Datasheet HTML 6Page - STMicroelectronics AN2684 Datasheet HTML 7Page - STMicroelectronics AN2684 Datasheet HTML 8Page - STMicroelectronics AN2684 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN2684
Safety precautions
Doc ID 14266 Rev 1
5/21
2
Safety precautions
The board must be used only by expert technicians. The copper areas around the
VNI4140K device have a heat sink function, visible in the top layer layout view, refer to
Figure 8. In case of short-circuit, current limiting or hard demagnetization, the STEVAL-
IFP006V1 board, or part of it, might reach a very high temperature with consequent danger.
No specific protections are implemented for reverse DC accidental connection. Remember
that an electrolytic capacitor is connected to the supply bus, therefore a reverse continuous
DC voltage applied to it may produce a dangerous explosion.
Warning:
ST assumes no responsibility for any consequences which
may result from the improper use of this tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21