| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2566 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2566 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 29 page ![]() AN2566 Test setup and performance summary 21/29 Figure 14. Input current vs. input voltage Figure 15 shows the input current consumption measured at VIN+ (includes ISHDN) and the input device current consumption measured at the VCC pin(IEXT5V). Both switching sections are working in SKIP mode. No load is applied. Figure 15. Input current vs. input voltage |