| Moteur de recherche de fiches techniques de composants électroniques |
|
BC557 Fiches technique(PDF) 1 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
BC557 Fiches technique(HTML) 1 Page - KEC(Korea Electronics) |
|
1 / 3 page ![]() 1998. 10. 8 1/3 SEMICONDUCTOR TECHNICAL DATA BC556/7/8 EPITAXIAL PLANAR PNP TRANSISTOR Revision No : 3 GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION . FEATURES For Complementary With NPN Type BC546/547/548. MAXIMUM RATING (Ta=25 ) TO-92 DIM MILLIMETERS A B C D F G H J K L 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 14.00 0.50 0.55 MAX 2.30 D 1 2 3 B K G H F F E C E N 0.45 MAX M 1.00 N 1. COLLECTOR 2. BASE 3. EMITTER + _ CHARACTERISTIC SYMBOL RATING UNIT Collector-Base Voltage BC556 VCBO -80 V BC557 -50 BC558 -30 Collector-Emitter Voltage BC556 VCEO -65 V BC557 -45 BC558 -30 Emitter-Base Voltage BC556 VEBO -5 V BC557 -5 BC558 -5 Collector Current BC556 IC -100 mA BC557 -100 BC558 -100 Emitter Current BC556 IE 100 mA BC557 100 BC558 100 Collector Power Dissipation PC 625 mW Junction Temperature Tj 150 Storage Temperature Range Tstg -55 150 |
Numéro de pièce similaire - BC557 |
|
Description similaire - BC557 |