Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2259 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2259
Description  High intensity LED driver using
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2259 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2259 Datasheet HTML 9Page - STMicroelectronics AN2259 Datasheet HTML 10Page - STMicroelectronics AN2259 Datasheet HTML 11Page - STMicroelectronics AN2259 Datasheet HTML 12Page - STMicroelectronics AN2259 Datasheet HTML 13Page - STMicroelectronics AN2259 Datasheet HTML 14Page - STMicroelectronics AN2259 Datasheet HTML 15Page - STMicroelectronics AN2259 Datasheet HTML 16Page - STMicroelectronics AN2259 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
AN2259
5 BOARD LAYOUT
13/38
5
BOARD LAYOUT
The layout for the evaluation board is shown below in Figure 5. and Figure 6. The area within
the circle in the center of the board illustrates the required area for the final application. The
components outside of the circle are connectors for convenience and the auxiliary devices that
allow the current to be selected on this board without changing the resistor values. Obviously
the final application would use a single resistor for RS that is optimized for the application.
Figure 5.
Top side of Board (not in scale)
Figure 6.
Bottom side of Board (not in scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38