Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2042 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN2042
Description  brightness LEDs with VIPer22A-E
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2042 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN2042 Datasheet HTML 19Page - STMicroelectronics AN2042 Datasheet HTML 20Page - STMicroelectronics AN2042 Datasheet HTML 21Page - STMicroelectronics AN2042 Datasheet HTML 22Page - STMicroelectronics AN2042 Datasheet HTML 23Page - STMicroelectronics AN2042 Datasheet HTML 24Page - STMicroelectronics AN2042 Datasheet HTML 25Page - STMicroelectronics AN2042 Datasheet HTML 26Page - STMicroelectronics AN2042 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AN2042
Layout considerations
23/30
7
Layout considerations
As any switched mode power supply, for proper operations, basic rules have to be taken into
account in order to optimize the current path, especially in the routing of high current path. In
fact, since EMI issues are also related to layout, the current loop area has to be minimized.
In addition to this, in order to avoid any noise interference between the control section and
the power section, the control ground paths have to be kept separated from each other. All
the high current traces have to be as short and wide as possible, in order to minimize the
resistive and inductive effect.
A particular care has to be taken regarding the optimal routing of the input EMI filter path
and the correct placement of any single component.
A final consideration regards the thermal management: a copper area has to be provided on
the VIPer drain, in order to reduce the thermal resistance Rth and consequently keep the
device temperature reasonably low. All the aforementioned considerations have been taken
into account in the lab prototype, as shown in Figure 30.
Figure 30.
PCB layout (not in scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30