Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6205 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce L6205
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6205 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button L6205 Datasheet HTML 27Page - STMicroelectronics L6205 Datasheet HTML 28Page - STMicroelectronics L6205 Datasheet HTML 29Page - STMicroelectronics L6205 Datasheet HTML 30Page - STMicroelectronics L6205 Datasheet HTML 31Page - STMicroelectronics L6205 Datasheet HTML 32Page - STMicroelectronics L6205 Datasheet HTML 33Page - STMicroelectronics L6205 Datasheet HTML 34Page - STMicroelectronics L6205 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
31/53
AN1762 APPLICATION NOTE
Figure 33. Thermal Data inputs and results.
Commutatiion
Time
Dissipating Pw
Ecom =
6.78E-05
[J]
2Vs · I · Tcom · Tload · fSW
Quiescent
Dissipating Pw
Pq =
1.32E-01
[W]
Vs · Iq
Total Dissi-
pating Power
P =
1.36E+00
[W]
·(Erise + Efall + Eload + Ecom) + Pq
2
T
---
Input D ata
Package
SO 24
Copper Area
4.0
1÷10 sq. cm
Copper Area is on
Sam e side of the device
G round Layer
N/A
Am bient Tem perature
50
-25 ÷ 100 ºC
R esults
Therm al Resistance
Junction to Am bient
53.36
ºC / W
Therm al Resistance
Junction to Pins / Slug
14.00
ºC / W
Estim ated Junction
Tem perature
122.66
ºC
Estim ated
Pins / Slug Tem perature
103.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53