| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1518 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1518 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 30 page ![]() LC filter AN1518 12/30 Figure 10. Error amplifier equivalent circuit and compensation network The poles of this transfer function are (if Cc >> C0+CP): Equation 3 Equation 4 whereas the zero is defined as: Equation 5 FP1 is the low frequency which sets the bandwidth, while the zero FZ1 is usually put near to the frequency of the double pole of the L-C filter (see below). FP2 is usually at a very high frequency. 7 LC filter The transfer function of the L-C filter is given by: Equation 6 F P1 1 2 π • R 0 • C c • --------------------------------------- = F P2 1 2 π • R c • C 0 C p + () • --------------------------------------------------------- = F Z1 1 2 π • R c • C c • --------------------------------------- = A LC s () R LOAD 1ESR C OUT s • • + () • s 2 LC OUT ESR R LOAD + () sESR C OUT • R LOAD L + • () R LOAD + • + • • • -------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------- = |