| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1376 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1376 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 35 page ![]() 33/35 AN1376 APPLICATION NOTE Table of Contents 1 INTRODUCTION ................................................................................................................................1 2 MAIN CHARACTERISTICS ...............................................................................................................2 3 ELECTRICAL DIAGRAM ...................................................................................................................3 4 CROSS REGULATION ......................................................................................................................6 5 OUTPUT VOLTAGE RIPPLE @FULL LOAD...................................................................................10 6 MEASUREMENT OF THE RMS CAPACITOR CURRENTS ...........................................................11 7 DYNAMIC LOAD TESTS .................................................................................................................12 8 START-UP BEHAVIOUR @FULL LOAD .........................................................................................14 9 WAKE-UP TIME ...............................................................................................................................15 10 TURN-OFF .......................................................................................................................................16 11 SHORT-CIRCUIT TESTS @ FULL LOAD .......................................................................................17 12 SHORT CIRCUIT PROTECTION @ LOW LOAD ............................................................................20 13 SHORT CIRCUIT PROTECTION @ NO LOAD ...............................................................................20 14 SHORT CIRCUIT OF THE OUTPUT RECTIFIERS .........................................................................21 15 SWITCH ON AND TURN OFF IN SHORT CIRCUIT CONDITION ..................................................22 16 OVER VOLTAGE PROTECTION.....................................................................................................23 17 CONDUCTED NOISE MEASUREMENTS (PRE-COMPLIANCE TEST) ........................................24 18 THERMAL MEASURES ...................................................................................................................26 19 CONCLUSIONS ...............................................................................................................................28 20 REFERENCES.................................................................................................................................28 21 ANNEX 1 .........................................................................................................................................28 22 ANNEX 2 ..........................................................................................................................................31 |